| 전자부품 데이터시트 검색엔진 |
|
AM186EM 데이터시트(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186EM 데이터시트(HTML) 43 Page - Advanced Micro Devices |
|
43 / 98 page ![]() Am186/188EM and Am186/188EMLV Microcontrollers 43 P R E L IMINAR Y CHIP-SELECT UNIT The Am186EM and Am188EM microcontrollers con- tain logic that provides programmable chip-select gen- eration for both memories and peripherals. The logic can be programmed to provide ready and wait-state generation and latched address bits A1 and A2. The chip-select lines are active for all memory and I/O cy- cles in their programmed areas, whether they are gen- erated by the CPU or by the integrated DMA unit. The Am186EM and Am188EM microcontrollers pro- vide six chip-select outputs for use with memory de- vices and six more for use with peripherals in either memory space or I/O space. The six chip selects for memory devices can be used to address three memory ranges. Each of the six peripheral chip selects ad- dresses a 256-byte block that is offset from a program- mable base address. A read or write access to the corresponding chip select register activates the chip selects. Chip-Select Timing The timing for the UCS and LCS outputs is modified from the original 80C186 microcontroller. These outputs now assert in conjunction with the nonmultiplexed address bus for normal memory timing. To allow these outputs to be available earlier in the bus cycle, the number of program- mable memory size selections has been reduced. Ready and Wait-State Programming The Am186EM and Am188EM microcontrollers can be programmed to sense a ready signal for each of the pe- ripheral or memory chip-select lines. The ready signal can be either the ARDY or SRDY signal. Each chip-se- lect control register (UMCS, LMCS, MMCS, PACS, and MPCS) contains a single-bit field that determines whether the external ready signal is required or ig- nored. The number of wait states to be inserted for each ac- cess to a peripheral or memory region is programma- ble. The chip-select control registers for UCS, LCS, MCS3–MCS0, PCS6, and PCS5 contain a two-bit field that determines the number of wait states from zero to three to be inserted. PCS3–PCS0 use three bits to pro- vide additional values of 5, 7, 9, and 15 wait states. When external ready is required, internally pro- grammed wait states will always complete before ex- ternal ready can terminate or extend a bus cycle. For example, if the internal wait states are set to insert two wait states, the processor samples the external ready pin during the first wait cycle. If external ready is as- serted at that time, the access completes after six cy- cles (four cycles plus two wait states). If external ready is not asserted during the first wait state, the access is extended until ready is asserted, which is followed by one more wait state followed by t4. Chip-Select Overlap Although programming the various chip selects on the Am186EM and Am188EM microcontrollers so that mul- tiple chip select signals are asserted for the same physical address is not recommended, it may be un- avoidable in some systems. In such systems, the chip selects whose assertions overlap must have the same configuration for ready (external ready required or not required) and the number of wait states to be inserted into the cycle by the processor. The peripheral control block (PCB) is accessed using internal signals. These internal signals function as chip selects configured with zero wait states and no external ready. Therefore, the PCB can be programmed to ad- dresses that overlap external chip select signals if those external chip selects are programmed to zero wait states with no external ready required. When overlapping an additional chip select with either the LCS or UCS chip selects, it must be noted that set- ting the Disable Address (DA) bit in the LMCS or UMCS register will disable the address from being driven on the AD bus for all accesses for which the associated chip select is asserted, including any accesses for which multiple chip selects assert. The MCS and PCS chip select pins can be configured as either chip selects (normal function) or as PIO inputs or outputs. It should be noted; however, that the ready and wait state generation logic for these chip selects is in effect regardless of their configurations as chip se- lects or PIOs. This means that if these chip selects are enabled (by a read or write to the MMCS and MPCS for the MCS chip selects, or by a read or write to the PACS and MPCS registers for the PCS chip selects), the ready and wait state programming for these signals must agree with the programming for any other chip se- lects with which their assertion would overlap if they were configured as chip selects. Although the PCS4 signal is not available on an exter- nal pin, the ready and wait state logic for this signal still exists internal to the part. For this reason, the PCS4 ad- dress space must follow the rules for overlapping chip selects. The ready and wait-state logic for PCS6– PCS5 is disabled when these signals are configured as address bits A2–A1. Failure to configure overlapping chip selects with the same ready and wait state requirements may cause the processor to hang with the appearance of waiting for a ready signal. This behavior may occur even in a system in which ready is always asserted (ARDY or SRDY tied High). |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |