| 전자부품 데이터시트 검색엔진 |
|
SSD1963QL9R 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 93 page ![]() SSD1963 Rev 1.1 P 27/93 Jan 2010 Solomon Systech 9.7 enter_sleep_mode Command 0x10 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 0 1 0 0 0 0 10 Description Turn off the panel. This command causes the SSD1963 to enter sleep mode and pull low the GPIO[0] if set_gpio_conf (0xB8) B0 = 0 If GPIO[0] is configured as normal GPIO or LCD miscellaneous signal with command set_gpio_conf (0xB8), this command will not affect the GPIO[0]. Note : The host processor must wait 5ms before sending any new commands to a SSD1963 following this command. 9.8 exit_sleep_mode Command 0x11 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 0 1 0 0 0 1 11 Description Turn on the panel. This command causes the SSD1963 to exit sleep mode and will pull high the GPIO[0] if set_gpio_conf (0xB8) B0 = 0. If GPIO[0] is configured as normal GPIO or LCD miscellaneous signal with command set_gpio_conf (0xB8), this command will not affect the GPIO[0]. Note : The host processor must wait 5ms after sending this command before sending another command. **This command will automatic trigger set_display_on (0x29) 9.9 enter_partial_mode Command 0x12 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 0 1 0 0 1 0 12 Description Once enter_partial_mode is triggered, the Partial Display Mode window is described by the set_partial_area (0x30). Once enter_normal_mode (0x13) is triggered, partial display mode will end. 9.10 enter_normal_mode Command 0x13 Parameters None |