| 전자부품 데이터시트 검색엔진 |
|
SSD1963QL9R 데이터시트(PDF) 69 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R 데이터시트(HTML) 69 Page - List of Unclassifed Manufacturers |
|
69 / 93 page ![]() SSD1963 Rev 1.1 P 69/93 Jan 2010 Solomon Systech 9.61 set_gpio3_rop Command 0xCE Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 1 0 0 1 1 1 0 CE Parameter 1 1 0 A6 A5 0 A3 A2 A1 A0 xx Parameter 2 1 B7 B6 B5 B4 B3 B2 B1 B0 xx Description Set the GPIO3 with respect to the LCD signal generators using ROP operation. No effect if the GPIO3 is configured as general GPIO. A[6:5] : Source 1 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 A[3:2] : Source 2 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 A[1:0] : Source 3 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 B[7:0] : ROP operation to mux the source 1, 2 and 3 for GPIO3 (POR = 00000000) Please refer to the Application note for the ROP operation 9.62 get_gpio3_rop Command 0xCF Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 1 0 0 1 1 1 1 CF Parameter 1 1 0 A6 A5 0 A3 A2 A1 A0 xx Parameter 2 1 B7 B6 B5 B4 B3 B2 B1 B0 xx Description Get the GPIO3 properties with respect to the LCD signal generators. A[6:5] : Source 1 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 |