전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 3 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 3 Page - Bellnix Co.,Ltd.

  BSV Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
3
BDD20150226
4-2 Output characteristics and functions
*2, *3
Item
Specifications & Standards
Conditions
BSV-3.3S9R5
BSV-3.3S9R5D
Rated
output
voltage
3.3V
Output
voltage
accuracy
3.3V±3% (±0.099V)
Adjustable
output
voltage range
0.8V to 3.3V
By external resistor
Output current
0 to 9.5A
Derating required
Line regulation
0.5% typ. 1.0% max.
Input voltage varying from 4.0
to 5.5V
Load regulation
0.5% typ.
1.5% max.
Load varying from 0 to rating
Temperature
regulation
±0.02% / ºC typ.
Temperature varying from -40
to +55 ºC
Efficiency
92% typ. (Io=9.5A)
94%typ. (Io=6A)
Upon output of rated current
Ripple noise
30mVp-p typ.
100mVp-p max.
BW=20MHz
Over
current
protection
circuit
Operate at 105% or above, auto restart
type
Over
voltage
protection circuit
None
Under
voltage
lock
out
Yes
Activation voltage: 2.84V±0.1V
Deactivation voltage: 2.78V±0.1V
ON/OFF control
ON when open (2.6V or more)
OFF when short (0.65V or less)
Upon input of 3.3V
ON when open (3.75V or more)
OFF when short (0.9V or less)
Upon input of 5.0V
P-Good
threshold
voltage
±72mV (58 to 86mV)
When Vout < 1.2V
±6.1% (4.8 to 7.1%)
When Vout≧1.2V
P-Good
low
level
voltage
0.4V max.
Sink current 4mA max.
Turn-on Delay
Upon activation by input voltage: 1.8 to
2.8ms
Upon activation by On/Off pin: 40 to
100μs
Turn-on Rise
1.0ms typ.
Resistance load
P-Good blanking time 4ms typ.
Upon activation only
Max.
output
capacitive load
10000μF max.
*2 With the measurement circuit of 4-3,
*3 Unless otherwise specified, measured at 5.0V input voltage, 3.3V output voltage, 9.5A output
current, and 25ºC±5ºC ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com