전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 10 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 10 Page - Bellnix Co.,Ltd.

Back Button BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV Datasheet HTML 12Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
10
BDD20150226
8-5 P-Good pin
Output state of the converter may be obtained by using P-Good pin. This pin is pulled up internally to
+Vin pin with 47kΩ resistor. When output voltage (+Sense pin voltage) goes out of the converter’s
pre-set range, P-Good pin becomes low.
・ Vout < 1.2V : | Output voltage-Set voltage | ≦72mV typ. -> High
・ Vout ≧1.2V: | Output voltage-Set voltage | ≦6.1% typ. of set voltage -> High
However, even if the above conditions are fulfilled, output voltage may decrease to Low under the
following circumstances.
・ Potential difference between input and output: Vin - Vout < 0.7
・ Input voltage less than 3V
・ Output current in over current state
IC’s junction temp exceeding 150ºC typ.
+Vin
2,3,4
23
GND 5,6,7,8
P-Good
47kΩ
9.
Protection against reverse connection for input power supply (example)
This product is a DC-DC converter with non-isolation between input and output to have a positive
polarity step down to a positive polarity. This product will be damaged if erroneously connected with
reverse input polarity. To cope with possible reverse connection, add a protection circuit as shown in the
following figure.
The following is an example using a fuse and a diode.
2,3,4
1
9,10,11
+Vout
5,6,7,8
FUSE
+Vin
Trim
on/off
12
GND
D1
+Vin
Load
BSV-3.3S9R5
シリーズ
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com