전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 9 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 9 Page - Bellnix Co.,Ltd.

Back Button BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV Datasheet HTML 12Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
9
BDD20150226
8-4
Adjustable method for output voltage
Keep Trim pin (12pin) OPEN, when using output voltage at 3.3V without adjustment. Output voltage
may be adjusted between 0.8 and 3.3V by connecting a resistor between Trim pin (12pin) and GND
pin (5 to 8pin).
Wiring for Trim pin should be short and straight preferably when using adjustable output voltage
feature. If noise appears on the pin, it causes mal-function.
The below formula should be referred for external resistance. It is important to check output voltage
and adjust resistance in an actual device.
When setting output voltage between 0.8V to 3.3V
3
2
1
4
2
1
4
2
R
Vout
R
I
R
R
R
Vout
R
R
Rx
(Ω)
R1=51Ω, R2=182Ω, R3=24kΩ, R4=94.3kΩ, I1=0.02733mA, Vout=Desired output voltage (V)
e.g.
Desired output
voltage (V)
Rx calculated
value (k
Ω)
3.3
OPEN
2.5
271.0(270+1)
2.0
121.1(120+1.1)
1.8
89.5(82+7.5)
1.5
54.6(51+3.6)
1.2
30.0
1.0
17.0(15+2)
0.8
6.2
+Vout
Trim
GND
Rx
9,10,11
12
5,6,7,8
R3
R1
I1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com