전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 6 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 6 Page - Bellnix Co.,Ltd.

Back Button BSV Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV Datasheet HTML 10Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
6
BDD20150226
7.
Outer dimensions and description of pins
7-1 Shape and dimensions of BSV-3.3S9R5 (SIP type)
7-2 Shape and dimensions of BSV-3.3S9R5D (DIP type)
0.5
P2.54×11=27.94
33max
1
C/L
12
13
24
7-2. Display, dimensional tolerance, etc.
Pin
Function
1
on/off
2
Vin
3
Vin
4
Vin
5
GND
6
GND
7
GND
8
GND
9
Vout
10
Vout
11
Vout
12
Trim
13
NC
14
NC
15
NC
22
NC
23
P-Good
24
NC
0.25
1.0typ
4.0typ
6.0max
0.8
33max
1
P2.54×11=27.94
0.5
12
・Unit: mm
・Dimensional tolerance (unless specified)
±0.5
・Weight = 5g typ.
・Lot No. display: (1)(2)(3)
(1) The last digit of A.D.
(2) Manufacturing month (Oct/Nov/Dec =
O/N/D)
(3)Production
code
(may
not
be
indicated)
Pin
Function
1
on/off
2
Vin
3
Vin
4
Vin
5
GND
6
GND
7
GND
8
GND
9
Vout
10
Vout
11
Vout
12
Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com