전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 4 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 4 Page - Bellnix Co.,Ltd.

  BSV Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
4
BDD20150226
4-3 Measurement circuit
Vin
On/Off
+Vin
+Vout
Trim
Load
BSV-3.3S9R5
シリーズ
GND
SW
Open =ON
Short=OFF
R1:Vout Down設定抵抗
R1
V
A
A
V
オシロスコ-プ
(OSC)
オシロスコープ
(リップル・
ノイズの測定)
Cx
Rx
同軸ケーブル: 50
Ω 1.5m
Rx: 51
Ω
Cx: 0.1
μ F
2,3,4
1
5,6,7,8
12
9,10,11
(NC)
(NC)
(13,14,15)
(22,24)
(23)
(P-Good)
※:Pin番号:13,14,15,22,23,24はDIP型のみ
5.
Block diagram
control
Vfb
POWER IC
L1
GND
7,8
Trim
12
+Vout
9,10,11
+Vin
2,3,4
On/Off
1
GND
5,6
P-Good
(P-Good)
(23)
Series
R1: Vout Down Setting Resistor
Oscilloscope
(Measurement
of ripple noise)
Coaxial cable
Pin No.13, 14, 15, 22, 23, 24 are for DIP type only
Oscilloscope
(OSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com