전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 11 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 11 Page - Bellnix Co.,Ltd.

Back Button BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV Datasheet HTML 12Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
11
BDD20150226
10.
Over voltage protection circuit (example)
This product has no built-in function for over voltage protection.
If the product is damaged for any reason, DC input voltage will be output as is. To prepare for the
damage by over voltage mode, add an input cutoff circuit as shown in the following figure.
Load
2,3,4
1
9,10,11
+Vout
5,6,7,8
BSV-3.3S9R5
シリーズ
FUSE
+Vin
Trim
on/off
12
GND
過電圧
検出回路
+Vin
SCR
Note 1: ON/OFF control does not function in case of overvoltage mode damage.
Note 2: ON/OFF function on the power supply side can be used, if any.
Note 3: Allow enough capacity for DC power supply for a fuse to blow.
11.
Mounting conditions
Observe the following conditions for soldering temperature and time as well as for the storage before
mounting. Flow mounting is not possible for this product.
Observe the following conditions for soldering temperature and time.
1) Soldering iron
340 ºC to 360 ºC
Within 3 seconds
2) Dip solder bath
240 ºC to 260 ºC
Within 10 seconds
12,
Vibration and impact tests
Vibration:
5 to 10Hz Total amplitude 10mm, 10 to 55Hz Acceleration 2G (3 directions, 1 hour
each)
Impact
:
Acceleration
20G (3 directions, 3 times each)
Duration
11±5ms
13. Cleaning
This product is not for immersible cleaning. Use of no-clean flux is recommended.
If cleaning is absolutely necessary, using a brush only, hand-wash the solder surface with Isopropyl
alcohol (IPA). After cleaning, allow sufficient drying before use.
Series
Over Voltage
Detection
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com