전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSV 데이터시트(PDF) 12 Page - Bellnix Co.,Ltd.

부품명 BSV
상세설명  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV 데이터시트(HTML) 12 Page - Bellnix Co.,Ltd.

Back Button BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV Datasheet HTML 12Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
12
BDD20150226
14. Precautions for use
To ensure user’s safety, check specifications before using the product and always observe the following
precautions for use.
・ This product is intended for use in general electronics equipment (office equipment, communication
equipment, measurement equipment). Do not use the product for medical equipment, nuclear
equipment, trains, etc., whereby human life or property may be directly affected by damaged
product. Consult with us for any use other than for such general electronics equipment.
・ This product is not suitable for serial or parallel operation.
・ Do not use connectors and sockets for mounting the product. Contact resistance may have an
adverse effect on the performance. Use the soldering method for mounting on the printed circuit
board.
・ This equipment has a built-in over current protection circuit but avoid a prolonged short circuit
which may lead to failure.
・ This product may be damaged if used under nonstandard electrical conditions or nonstandard
environmental conditions including temperature. Ensure use within the standards.
・ Avoid using this product in a place that generates corrosive gas or is dusty.
・ This product may be damaged by static electricity. Make sure that the workplace is guarded against
static buildup and static electricity on operators by use of proper grounding.
・ A fuse mechanism is not built in this product. Connect a fuse to +input line to guard against
excessive input current under abnormal circumstances. Allow enough capacity for power supply for
a fuse to blow.
・ This product has no build-in function for over voltage protection. If over voltage occurs due to
anomalies in the module, input voltage is output, as is, in the same mode, which may result in
fumes and ignition. To prevent this from occurring, always add an over voltage protection circuit.
・ This product does not come with a test report.
15. Warranty
The warranty term of the product is one year after shipment. Should the product become defective
within the warranty period due to our design or workmanship, the product will be repaired free of charge
or replaced.
However, this warranty does not cover products which have been subjected to unauthorized inner
modifications, etc.
The scope of our warranty is limited to that of the said product.
16. Miscellaneous matters
Any doubt arising out of or in connection with these specifications shall be determined upon mutual
consultation between the parties concerned.
17. Contact
If you have any further technical questions for this product, please contact us.
E-mail: info@bellnix.com
URL: http://www.bellnix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com