전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S 데이터시트(PDF) 228 Page - STMicroelectronics

부품명 STM8S
상세설명  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S 데이터시트(HTML) 228 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 224Page - STMicroelectronics STM8S Datasheet HTML 225Page - STMicroelectronics STM8S Datasheet HTML 226Page - STMicroelectronics STM8S Datasheet HTML 227Page - STMicroelectronics STM8S Datasheet HTML 228Page - STMicroelectronics STM8S Datasheet HTML 229Page - STMicroelectronics STM8S Datasheet HTML 230Page - STMicroelectronics STM8S Datasheet HTML 231Page - STMicroelectronics STM8S Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 467 page
background image
16-bit general purpose timers (TIM2, TIM3, TIM5)
RM0016
228/467
DocID14587 Rev 14
18.5
TIM2/TIM3/TIM5 interrupts
The timers have 4 interrupt request sources:
Capture/compare 3 interrupt
Capture/compare 2 interrupt
Capture/compare 1 interrupt
Update interrupt
Trigger interrupt (TIM5 only)
To use the interrupt features, for each interrupt channel used, set the desired CC3IE and/or
CC2IE and/or CC1IE bits in the TIMx_IER register to enable interrupt requests.
The different interrupt sources can be also generated by software using the corresponding
bits in the TIMx_EGR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More