전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5100 데이터시트(PDF) 48 Page - WIZnet Co., Ltd

부품명 W5100
상세설명  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 데이터시트(HTML) 48 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 44Page - WIZnet Co., Ltd W5100 Datasheet HTML 45Page - WIZnet Co., Ltd W5100 Datasheet HTML 46Page - WIZnet Co., Ltd W5100 Datasheet HTML 47Page - WIZnet Co., Ltd W5100 Datasheet HTML 48Page - WIZnet Co., Ltd W5100 Datasheet HTML 49Page - WIZnet Co., Ltd W5100 Datasheet HTML 50Page - WIZnet Co., Ltd W5100 Datasheet HTML 51Page - WIZnet Co., Ltd W5100 Datasheet HTML 52Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
47
◼
ESTABLISHED : CLOSED ?
No connection state at all. It can be checked as below,
First method :
{
If (Sn_IR(DISCON bit) == ‘1’) goto CLOSED stage;
/* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to
Interrupt Register(IR), Interrupt Mask Register (IMR) and Socket n Interrupt Register
(Sn_IR). */
}
Second method :
{
If (Sn_SR == SOCK_CLOSED) goto CLOSED stage;
}
◼
ESTABLISHED : Timeout
In case that connection is closed due to the error of remote peer during data receiving or
connection closing process, data transmission can not be normally processed. At this time
Timeout occurs after some time.
First method :
{
If (Sn_IR(TIMEOUT bit) == ‘1’) goto CLOSED stage;
/* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to
Interrupt Register(IR), Interrupt Mask Register (IMR) and Socket n Interrupt Register
(Sn_IR). */
}
Second method :
{
If (Sn_SR == SOCK_CLOSED) goto CLOSED stage;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72