전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5100 데이터시트(PDF) 53 Page - WIZnet Co., Ltd

부품명 W5100
상세설명  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 데이터시트(HTML) 53 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 49Page - WIZnet Co., Ltd W5100 Datasheet HTML 50Page - WIZnet Co., Ltd W5100 Datasheet HTML 51Page - WIZnet Co., Ltd W5100 Datasheet HTML 52Page - WIZnet Co., Ltd W5100 Datasheet HTML 53Page - WIZnet Co., Ltd W5100 Datasheet HTML 54Page - WIZnet Co., Ltd W5100 Datasheet HTML 55Page - WIZnet Co., Ltd W5100 Datasheet HTML 56Page - WIZnet Co., Ltd W5100 Datasheet HTML 57Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
52
◼
Received DATA?
It can be checked as below if data is received from remote peer.
First method :
{
if (Sn_RX_RSR != 0x0000) goto Receiving Process stage;
}
Second Method :
{
If (Sn_IR(RECV bit) == ‘1’) goto Receiving Process stage;
/* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to
Interrupt Register(IR), Interrupt Mask Register (IMR) and Socket n Interrupt Register
(Sn_IR). */
}
◼
Receiving Process
Received data can be processed as below. In case of UDP, 8byte header is attached to
receiving data. The structure of the header is as below.
{
/* first, get the received size */
get_size = Sn_RX_RSR;
/* calculate offset address */
get_offset = Sn_RX_RD & gSn_RX_MASK;
/* calculate start address(physical address) */
get_start_address = gSn_RX_BASE + get_offset;
/* read head information (8 bytes) */
header_size = 8;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72