| 전자부품 데이터시트 검색엔진 |
|
W5100 데이터시트(PDF) 59 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 데이터시트(HTML) 59 Page - WIZnet Co., Ltd |
|
59 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 58 ◼ Received DATA? It is same as UDP. Refer to “5.2.2 UDP”. ◼ Receiving Process This is same as UDP. Refer to “5.2.2 UDP” except the header information and header size. In case of IP raw, 6byte header is attached to the data received. The header structure is as below. ◼ Send DATA? / Sending Process This is same as UDP. Refer to “5.2.2 UDP” except that remote_port information is not needed. ◼ Complete Sending ◼ Timeout ◼ Finished? / Socket Closed Next actions are same as UDP. Refer to “5.2.2 UDP”. 5.2.4 MAC raw MAC Raw mode(only supported in socket 0) can be utilized. ◼ Socket Initialization It initializes the socket as MAC raw. { START: /* sets MAC raw mode */ |