전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5100 데이터시트(PDF) 24 Page - WIZnet Co., Ltd

부품명 W5100
상세설명  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIZNET [WIZnet Co., Ltd]
홈페이지  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 데이터시트(HTML) 24 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 20Page - WIZnet Co., Ltd W5100 Datasheet HTML 21Page - WIZnet Co., Ltd W5100 Datasheet HTML 22Page - WIZnet Co., Ltd W5100 Datasheet HTML 23Page - WIZnet Co., Ltd W5100 Datasheet HTML 24Page - WIZnet Co., Ltd W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
23
(S1_IR)”. This bit will be automatically cleared when S1_IR is cleared to
0x00.
0
S0_INT
Occurrence of Socket 0 Socket Interrupt
It is set in case that interrupt occurs at the socket 0. For more detailed
information of socket interrupt, refer to “Socket 0 Interrupt Register
(S0_IR)”. This bit will be automatically cleared when S0_IR is cleared to
0x00.
IMR (Interrupt Mask Register) [R/W] [0x0016] [0x00]
The Interrupt Mask Register is used to mask interrupts. Each interrupt mask bit corresponds to
a bit in the Interrupt Register (IR). If an interrupt mask bit is set, an interrupt will be issued
whenever the corresponding bit in the IR is set. If any bit in the IMR is set as ‘0’, an interrupt
will not occur though the bit in the IR is set.
7
6
5
4
3
2
1
0
IM_IR7
IM_IR6
IM_IR5
Reserved
IM_IR3
IM_IR2
IM_IR1
IM_IR0
Bit
Symbol
Description
7
IM_IR7
IP Conflict Enable
6
IM_IR6
Destination unreachable Enable
5
IM_IR5
PPPoE Close Enable
4
Reserved
It should be set as ‘0’
3
IM_IR3
Occurrence of Socket 3 Socket Interrupt Enable
2
IM_IR2
Occurrence of Socket 2 Socket Interrupt Enable
1
IM_IR1
Occurrence of Socket 1 Socket Interrupt Enable
0
IM_IR0
Occurrence of Socket 0 Socket Interrupt Enable
RTR (Retry Time-value Register) [R/W] [0x0017 – 0x0018] [0x07D0]
This register sets the period of timeout. Value 1 means 100us. The initial value is
2000(0x07D0). That will be set as 200ms.
Ex) For 400ms configuration, set as 4000(0x0FA0)
0x0017
0x0018
0x0F
0xA0
Re-transmission will occur if there is no response from the remote peer to the commands of
CONNECT, DISCON, CLOSE, SEND, SEND_MAC and SEND_KEEP, or the response is delayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com