| 전자부품 데이터시트 검색엔진 |
|
W5100 데이터시트(PDF) 19 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 데이터시트(HTML) 19 Page - WIZnet Co., Ltd |
|
19 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 18 Address Register 0x0600 Socket 2 Mode (S2_MR) 0x0601 Socket 2 Command (S2_CR) 0x0602 Socket 2 Interrupt (S2_IR) 0x0603 Socket 2 Status (S2_SR) 0x0604 0x0605 Socket 2 Source Port (S2_PORT0) (S2_PORT1) 0x0606 0x0607 0x0608 0x0609 0x060A 0x060B Socket 2 Destination Hardware Address (S2_DHAR0) (S2_DHAR1) (S2_DHAR2) (S2_DHAR3) (S2_DHAR4) (S2_DHAR5) 0x060C 0x060D 0x060E 0x060F Socket 2 Destination IP Address (S2_DIPR0) (S2_DIPR1) (S2_DIPR2) (S2_DIPR3) 0x0610 0x0611 Socket 2 Destination Port (S2_DPORT0) (S2_DPORT1) 0x0612 0x0613 Socket 2 Maximum Segment Size (S2_MSSR0) (S2_MSSR1) 0x0614 Socket 2 Protocol in IP Raw mode (S2_PROTO) Address Register 0x0615 Socket 2 IP TOS (S2_TOS) 0x0616 Socket 2 IP TTL (S2_TTL) 0x0617 ~ 0x061F Reserved 0x0620 0x0621 Socket 2 TX Free Size (S2_TX_FSR0) (S2_TX_FSR1) 0x0622 0x0623 Socket 2 TX Read Pointer (S2_TX_RD0) (S2_TX_RD1) 0x0624 0x0625 Socket 2 TX Write Pointer (S2_TX_WR0) (S2_TX_WR1) 0x0626 0x0627 Socket 2 RX Received Size (S2_RX_RSR0) (S2_RX_RSR1) 0x0628 0x0629 Socket 2 RX Read Pointer (S2_RX_RD0) (S2_RX_RD1) 0x062A 0x062B Reserved 0x062C ~ 0x06FF Reserved |