| 전자부품 데이터시트 검색엔진 |
|
UPD17P136ACT 데이터시트(PDF) 116 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT 데이터시트(HTML) 116 Page - NEC |
|
116 / 292 page ![]() CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU) 97 11.6.2 “Not Equal to” Judgement The “not equal to” judgement instruction (SKNE m, #n4) is used to determine if immediate data and the contents of a location in data memory are not equal. This instruction causes the next instruction to be skipped when the immediate data and the contents of data memory are not equal. Example MOV M1, #1010B SKNE M1, #1000B ; (1) BR A BR B ; SKNE M1, #1010B ; (2) BR C BR D In this example, because the contents of data memory M1 and immediate data 1000B in step number (1) are not equal, the program branches to B. In step number (2), because the contents of data memory M1 and immediate data 1010B are equal, the program branches to C. 11.6.3 “Greater Than or Equal to” Judgement The “greater than or equal to” judgement instruction (SKGE m, #n4) is used to determine if the contents of a location in data memory is a value greater than or equal to the value of the immediate data operand. If the value in data memory is greater than or equal to that of the immediate data, this instruction causes the next instruction to be skipped. Example MOV M1, #1000B SKGE M1, #0111B ; (1) BR A BR B ; SKGE M1, #1000B ; (2) BR C BR D ; SKGE M1, #1001B ; (3) BR E BR F In this example, the program will first branch to B since the value in data memory is larger than that of the immediate data. Next it will branch to D since the value in data memory is equal to that of the immediate data. Last it will branch to E since the value in data memory is less than that of the immediate data. |