| 전자부품 데이터시트 검색엔진 |
|
UPD17P136ACT 데이터시트(PDF) 117 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT 데이터시트(HTML) 117 Page - NEC |
|
117 / 292 page ![]() CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU) 98 11.6.4 “Less Than” Judgement The “less than” judement instruction (SKLT m, #n4) is used to determine if the contents of a location in data memory is a value less than that of the immediate data operand. If the value in data memory is less than that of the immediate data, this instruction causes the next instruction to be skipped. Example MOV M1, #1000B SKLT M1, #1001B ; (1) BR A BR B ; SKLT M1, #1000B ; (2) BR C BR D ; SKLT M1, #0111B ; (3) BR E BR F In this example, the program will first branch to B since the value in data memory is less than that of the immediate data. Next it will branch to C since the value in data memory is equal to that of the immediate data. Last it will branch to E since the value in data memory is greater than that of the immediate data. |