전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978AVCW 데이터시트(PDF) 19 Page - Advanced Micro Devices

부품명 AM79C978AVCW
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW 데이터시트(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 15Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 16Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 17Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 18Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 19Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 20Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 21Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 22Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 256 page
background image
Am79C978A
19
PIN DESIGNATIONS
Listed By Driver Type
The following table describes the various types of output
drivers used in the Am79C978A controller. All IOL and
IOH values shown in the table apply to 3.3 V signaling.
A sustained tri-state signal is a low active signal that is
driven high for one clock period before it is left floating.
TX is a differential output driver. Its characteristics
and those of XTAL2 output are described in the DC
CHARACTERISTICS section.
Driver Name
Type
IOL (mA)
IOH (mA)
Load (pF)
LED
LED
12
0.4
50
O6
Totem Pole
6
0.4
50
OD6
Open Drain
6
NA
50
TS3
Tri-State
3
2
50
TS6
Tri-State
6
2
50
STS6
Sustained Tri-State
6
2
50
OMII1
Tri-State
4
4
50
OMII2
Tri-State
4
4
390
TSMII
Tri-State
4
4
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com