전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978AVCW 데이터시트(PDF) 99 Page - Advanced Micro Devices

부품명 AM79C978AVCW
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW 데이터시트(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 256 page
background image
Am79C978A
99
CSR125^
MAC Enhanced Configuration Control
BCR2^
Miscellaneous Configuration
BCR4^
LED0 Status
BCR5^
LED1 Status
BCR6^
LED2 Status
BCR7^
LED3 Status
BCR9^
Full-Duplex Control
BCR18^
Bus and Burst Control
BCR19
EEPROM Control and Status
BCR20
Software Style
BCR22^
PCI Latency
BCR23^
PCI Subsystem Vendor ID
BCR24^
PCI Subsystem ID
BCR25^
SRAM Size
BCR26^
SRAM Boundary
BCR27^
SRAM Interface Control
BCR32^
Internal PHY Control and Status
BCR33^
Internal PHY Address
BCR35^
PCI Vendor ID
BCR36
PCI
Power
Management
Capabilities
(PMC) Alias Register
BCR37
PCI DATA Register 0 (DATA0) Alias Register
BCR38
PCI DATA Register 1 (DATA1) Alias Register
BCR39
PCI DATA Register 2 (DATA2) Alias Register
BCR40
PCI DATA Register 3 (DATA3) Alias Register
BCR41
PCI DATA Register 4 (DATA4) Alias Register
BCR42
PCI DATA Register 5 (DATA5) Alias Register
BCR43
PCI DATA Register 6 (DATA6) Alias Register
BCR44
PCI DATA Register 7 (DATA7) Alias Register
BCR45
OnNow Pattern Matching Register 1
BCR46
OnNow Pattern Matching Register 2
BCR47
OnNow Pattern Matching Register 3
BCR48
LED4 Status
BCR49
PHY Select
n Running Registers
These registers are intended to be used by the device
driver software after the Am79C978A controller is run-
ning to access status information and to pass control
information.
The following is a list of the registers that would typically
need to be periodically read and perhaps written during
the normal running operation of the Am79C978A con-
troller within a system. Each of these registers contains
control bits, or status bits, or both.
RAP
Register Address Port
CSR0
Controller Status
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR7
Extended Control and Interrupt 2
CSR112
Missed Frame Count
CSR114
Receive Collision Count
BCR32
Internal PHY Control and Status
BCR33
Internal PHY Address
BCR34
Internal PHY Management Data
n Test Registers
These registers are intended to be used only for testing
and diagnostic purposes. Those registers not included
in any of the above lists can be assumed to be intended
for diagnostic purposes.
PCI Configuration Registers
PCI Vendor ID Register
Offset 00h
The PCI Vendor ID register is a 16-bit register that iden-
tifies the manufacturer of the Am79C978A controller.
AMD’s Vendor ID is 1022h. Note that this Vendor ID is
not the same as the Manufacturer ID in CSR88 and
CSR89. The Vendor ID is assigned by the PCI Special
Interest Group.
The PCI Vendor ID register is located at offset 00h in
the PCI Configuration Space. It is read only.
This register is the same as BCR35 and can be written
by the EEPROM.
PCI Device ID Register
Offset 02h
The PCI Device ID register is a 16-bit register that helps
identify the Am79C978A controller within AMD's prod-
uct line. The Am79C978A Device ID is 2001h. Note that
this Device ID is not the same as the part number in
CSR88 and CSR89. The Device ID is assigned by AMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com