전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978AVCW 데이터시트(PDF) 80 Page - Advanced Micro Devices

부품명 AM79C978AVCW
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW 데이터시트(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 76Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 78Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 80Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 81Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 82Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 83Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 256 page
background image
80
Am79C978A
Header AID Remote Control Word Commands
Stations may be configured either as master stations or
as slave stations. Only one master may exist on a given
HomePNA segment.
The master station may send commands embedded in
the HomePNA header control word to remotely set vari-
ous parameters of the remote slave stations. Stations are
identified via the AID as follows:
1. The master station is identified on the HomePNA
wire network with an AID of FFh.
2. A slave is identified with an AID of 00h to EFh.
3. AID values of F0h to FEh are reserved for future
use.
Once a command has been transmitted, the master sta-
tion will revert to a slave AID, so that subsequent control
words are not interpreted as new commands.
Master mode is entered by writing to the PHY control reg-
ister (HPR16) and is exited upon the completion of the
command sequence.
A valid master remote command consists of three Home-
PNA frames with an AID of FFh. Since the HomePNA
header is prepended to packets received from the MAC,
packets from the master station may be separated by in-
tervals during which other (slave) stations may transmit
their frames.
A remote master Control Word command must be recog-
nized and executed by a HomePNA PHY when it re-
ceives three consecutive valid HomePNA frames with an
AID of FFh.
If HPR16, bit 15 is not set to 0, valid commands are as fol-
lows:
1. SET_POWER: Commands slave stations to set
their transmit level to a prescribed level.
2. SET_SPEED: Commands slave stations to set their
transmit speed to a prescribed value.
The control word bit encoding and possible values are de-
scribed in Table 16.
Table 16.
Master Station Control Word Functions
All stations will transmit the following status messages in
the HomePNA header control word of all outgoing
frames:
1. VERSION_STATUS: The HomePNA PHY version
of the slave station.
2. POWER_STATUS: The transmit power level of the
transmitting slave station for the current frame. All
HomePNA units suppor t LOW_POWER and
HIGH_POWER modes.
3. SPEED_STATUS: The transmit speed of the slave
station for the current frame. Receiving stations will
adjust their receiver parameters to correctly inter-
pret this frame.
The slave control word bit encoding and possible values
are described in Table 17.
Table 17.
Slave Station Control Word Status
Conditions
PHY Control and Management Block
(PCM Block)
Register Administration for 10BASE-T PHY Device
The management interface specified in Clause 22 of the
IEEE 802.3u standard provides for a simple two wire, se-
rial interface to connect a management entity and a man-
aged PHY for the purpose of controlling the PHY and
gathering status information. The two lines are Manage-
ment Data Input/Output (MDIO) and Management Data
Clock (MDC). A station management entity which is at-
tached to multiple PHY entities must have prior knowl-
edge of the appropriate PHY address for each PHY entity.
Description of the Methodology
The management interface physically transports man-
agement information across the internal MII. The informa-
tion is encapsulated in a frame format as specified in
Clause 22 of the IEEE 802.3u draft standard and is shown
in Table 18.
Bit No.
Command Function
0
0 = version 0 (All stations revert to version 0
HomePNA PHY mode of operation).
1
0 = Set transmit to low speed.
1 = Set transmit to high speed.
2
0 = Set to low power transmit mode.
1 = Set to high power transmit mode.
3
Reserved
Bit #
Indicated Status
0
0 = This station is version 0.
1 = This station is not version 0.
1
0 = Frame transmitted at low speed.
1 = Frame transmitted at high speed.
2
0 = Frame transmitted at low power.
1 = Frame transmitted at high power.
3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com