전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978AVCW 데이터시트(PDF) 41 Page - Advanced Micro Devices

부품명 AM79C978AVCW
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW 데이터시트(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 38Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 39Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 40Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 41Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 43Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 44Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 256 page
background image
Am79C978A
41
Figure 15.
Burst Read Transfer (EXTREQ = 0, MEMCMD = 0)
Basic Non-Burst Write Transfer
By default, the Am79C978A controller uses non-
burst cycles in all bus master write operations. All
controller non-burst write accesses are of the PCI
command type Memory Write (type 7). The byte en-
able signals indicate the byte lanes that have valid
data. The Am79C978A controller typically performs
more than one non-burst write transaction within a
single bus mastership period. FRAME is dropped
between consecutive non-burst write cycles. REQ
stays asserted until FRAME is asserted for the last
transaction. The Am79C978A controller supports
zero wait state write cycles except with descriptor
write transfers. (See the Descriptor DMA Transfers
section for the only exception.) It asserts IRDY im-
mediately after the address phase.
Figure 16 shows two non-burst write transactions.
The first transaction has two wait states. The target
inserts one wait state by asserting DEVSEL one
clock late and another wait state by also asserting
TRDY on e clock la te. The se co nd tra nsaction
shows a zero wait state write cycle. The target as-
serts DEVSEL and TRDY in the same cycle as the
Am79C978A controller asserts IRDY.
Basic Burst Write Transfer
The Am79C978A controller supports burst mode for all
bus master write operations. The burst mode must be
enabled by setting BWRITE (BCR18, bit 5). To allow
burst transfers in descriptor write operations, the
Am79C978A controller must also be programmed to
use SWSTYLE 3 (BCR20, bits 7-0). All controller burst
write transfers are of the PCI command type Memory
Write (type 7). AD[1:0] will both be 0 during the address
phase indicating a linear burst order. The byte enable
signals indicate the byte lanes that have valid data.
The Am79C978A controller will always perform a sin-
gle burst write transaction per bus mastership period,
where transaction is defined as one address phase and
one or multiple data phases. The Am79C978A control-
ler supports zero wait state write cycles except with the
case of descriptor write transfers. (See the Descriptor
DMA Transfers section for the only exception.) The de-
vice asserts IRDY immediately after the address phase
and at the same time star ts sampling DEVSEL.
FRAME is deasserted when the next to last data phase
is completed.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0000
1110
PAR
1
2345678
10
9
11
DATA
DATA
DATA
PAR
PAR
PAR
22399A-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com