전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C978AVCW 데이터시트(PDF) 28 Page - Advanced Micro Devices

부품명 AM79C978AVCW
상세설명  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW 데이터시트(HTML) 28 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 256 page
background image
28
Am79C978A
DVDDD
10BASE-T PDX Block Power
+3.3 V Power
This pin supplies power to the 10 Mbps Transceiver
block. It must be connected to a +3.3 V ±5% source.
This pin requires careful decoupling to ensure proper
device performance.
DVDDRX, DVDDTX
10BASE-T I/O Buffer Power
+3.3 V Power
These pins supply power to the 10BASE-T input/output
buffers. They must be connected to a +3.3 V ±5% source.
These pins require careful decoupling to ensure proper
device performance.
DVDDA
Analog PLL Power
+3.3 V Power
This pin supplies power to the IREF current refer-
ence circuit and the 10BASE-T analog PLL. They
must be connected to a +3.3 V ±5% source. These
pins require careful decoupling to ensure proper
device performance.
DVSSX, DVSSA
10BASE-T PDX Analog Ground
Ground
These pins are the ground connection for the ana-
log section within the Physical Data Transceiver
(PDX) block.
DVSSD
10BASE-T PDX Digital Ground
Ground
This pin is the ground connection for the digital logic
within the PDX block.
VDDCO
Crystal
+3.3 V Power
This pin supplies power to the crystal circuit.
VDDHR
HomePNA Digital Power
+3.3 V Power
These pins are the digital power supply pins that are
used by the internal digital circuitry for the HomePNA
block. They must be connected to a +3.3 V source.
VSSHR
HomePNA Analog Ground
Ground
This pin is the ground connection for the analog section
within the HomePNA block.
DVDDA_HR
HomePNA Analog Power
+3.3 V Power
This pin supplies power to the analog section of the
HomePNA block. It must be connected to a +3.3 V ±5%
source. This pin requires careful decoupling to ensure
proper device performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com