| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 55 Page - Renesas Technology Corp |
|
55 / 923 page ![]() 17 Table 1.2 Pin Arrangement by Mode for SH7040, SH7042 (QFP-112 Pin) (cont) Pin No. MCU Mode PROM Mode 29 PB6/ IRQ4/A18/BACK NC 30 PB7/ IRQ5/A19/BREQ NC 31 PB8/ IRQ6/A20/WAIT NC 32 PB9/ IRQ7/A21/ADTRG NC 33 V SS V SS 34 PA14/ RD NC 35 WDTOVF NC 36 PA13/ WRH NC 37 V CC V CC 38 PA12/ WRL NC 39 V SS V SS 40 PA11/ CS1 NC 41 PA10/ CS0 NC 42 PA9/TCLKD/ IRQ3 NC 43 PA8/TCLKC/ IRQ2 NC 44 PA7/TCLKB/ CS3 NC 45 PA6/TCLKA/ CS2 NC 46 PA5/SCK1/ DREQ1/IRQI NC 47 PA4/TXD1 NC 48 PA3 /RXD1 NC 49 PA2/SCK0/ DREQ0/IRQ0 NC 50 PA1/TXD0 NC 51 PA0/RXD0 NC 52 PD15/D15 NC 53 PD14/D14 NC 54 PD13/D13 NC 55 V SS V SS 56 PD12/D12 NC 57 PD11/D11 NC 58 PD10/D10 NC |