| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 63 Page - Renesas Technology Corp |
|
63 / 923 page ![]() 25 Table 1.4 Pin Arrangement by Mode for SH7041, SH7043 (QFP-144 Pin) (cont) Pin No. MCU Mode PROM Mode 31 PB2/ IRQ0/POE0/RAS NC 32 PB3/ IRQ1/POE1/CASL OE 33 PA18/ BREQ/DRAK0 NC 34 PB4/ IRQ2/POE2/CASH PGM 35 V SS V SS 36 PB5/ IRQ3/POE3/RDWR V CC 37 PB6/ IRQ4/A18/BACK NC 38 PB7/ IRQ5/A19/BREQ NC 39 PB8/ IRQ6/A20/WAIT NC 40 V CC V CC 41 PB9/ IRQ7/A21/ADTRG NC 42 V SS V SS 43 PA14/ RD NC 44 WDTOVF NC 45 PD31/D31/ ADTRG NC 46 PD30/D30/ IRQOUT NC 47 PA13/ WRH NC 48 PA12/ WRL NC 49 PA11/ CS1 NC 50 PA10/ CS0 NC 51 PA9/TCLKD/ IRQ3 NC 52 PA8/TCLKC/ IRQ2 NC 53 PA7/TCLKB/ CS3 NC 54 PA6/TCLKA/ CS2 NC 55 V SS V SS 56 PD29/D29/ CS3 NC 57 PD28/D28/ CS2 NC 58 PD27/D27/DACK1 NC 59 PD26/D26/DACK0 NC 60 PD25/D25/ DREQ1 NC |