| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 69 Page - Renesas Technology Corp |
|
69 / 923 page ![]() 31 Table 1.5 Pin Arrangement by Mode for SH7044 (QFP-112 Pin) (cont) PinNo. MCU Writer mode 65 V CC V CC 66 PD4/D4 D4 67 PD3/D3 D3 68 PD2/D2 D2 69 PD1/D1 D1 70 PD0/D0 D0 71 V SS V SS 72 XTAL XTAL 73 MD3 MD3 74 EXTAL EXTAL 75 MD2 MD2 76 NMI V CC 77 V CC (FWP) * FWE 78 MD1 MD1 79 MD0 MD0 80 PLLV CC PLLV CC 81 PLLCAP PLLCAP 82 PLLV SS PLLV SS 83 PA15/CK NC 84 RES RES 85 PE0/TIOCA/ DREQ0 NC 86 PE1/TIOCB/DRAK0 NC 87 PE2/TIOCC/ DREQ1 NC 88 PE3/TIOCD/DRAK1 NC 89 PE4/TIOC1A NC 90 V SS V SS 91 PF0/AN0 V SS 92 PF1/AN1 V SS 93 PF2/AN2 V SS 94 PF3/AN3 V SS 95 PF4/AN4 V SS 96 PF5/AN5 V SS Note: * V CC in the mask version; FWP in the F-ZTAT version (however, FWE in the writer mode) |