| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 56 Page - Renesas Technology Corp |
|
56 / 923 page ![]() 18 Table 1.2 Pin Arrangement by Mode for SH7040, SH7042 (QFP-112 Pin) (cont) Pin No. MCU Mode PROM Mode 59 PD9/D9 NC 60 PD8/D8 NC 61 V SS V SS 62 PD7/D7 D7 63 PD6/D6 D6 64 PD5/D5 D5 65 V CC V CC 66 PD4/D4 D4 67 PD3/D3 D3 68 PD2/D2 D2 69 PD1/D1 D1 70 PD0/D0 D0 71 V SS V SS 72 XTAL NC 73 MD3 V CC 74 EXTAL V SS 75 MD2 V CC 76 NMI A9 77 V CC V CC 78 MD1 V CC 79 MD0 V CC 80 PLLVCC V CC 81 PLLCAP V SS 82 PLLVSS V SS 83 PA15/CK NC 84 RES V PP 85 PE0/TIOC0A/ DREQ0 NC 86 PE1/TIOC0B/DRAK0 NC 87 PE2/TIOC0C/ DREQ1 NC 88 PE3/TIOC0D/DRAK1 NC |