| 전자부품 데이터시트 검색엔진 |
|
SH7041A 데이터시트(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A 데이터시트(HTML) 74 Page - Renesas Technology Corp |
|
74 / 923 page ![]() 36 Table 1.6 Pin Arrangement by Mode for SH7045 (QFP-144 Pin) (cont) PinNo. MCU Writer mode 108 RES RES 109 PE0/TIOC0A/ DREQ0 NC 110 PE1/TIOC0B/DRAK0 NC 111 PE2/TIOC0C/ DREQ1 NC 112 V CC V CC 113 PE3/TIOC0D/DRAK1 NC 114 PE4/TIOC1A NC 115 PE5/TIOC1B NC 116 PE6/TIOC2A NC 117 V SS V SS 118 PF0/AN0 V SS 119 PF1/AN1 V SS 120 PF2/AN2 V SS 121 PF3/AN3 V SS 122 PF4/AN4 V SS 123 PF5/AN5 V SS 124 AV SS V SS 125 PF6/AN6 V SS 126 PF7/AN7 V SS 127 AVref V CC 128 AV CC V CC 129 V SS V SS 130 PA0/RXD0 NC 131 PA1/TXD0 V CC 132 PA2/SCK0/ DREQ0/IRQ0 V CC 133 PA3/RXD1 NC 134 PA4/TXD1 NC 135 V CC V CC 136 PA5/SCK1/ DREQ1/IRQ1 V CC 137 PE7/TIOC2B NC 138 PE8/TIOC3A NC 139 PE9/TIOC3B NC 140 PE10/TIOC3C NC 141 V SS V SS 142 PE11/TIOC3D NC 143 PE12/TIOC4A NC 144 PE13/TIOC4B/ MRES NC |