| 전자부품 데이터시트 검색엔진 |
|
SH33F2801P/032PR 데이터시트(PDF) 65 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH33F2801P/032PR 데이터시트(HTML) 65 Page - SINOWEALTH Electronic Ltd |
|
65 / 407 page ![]() SH33F2801 65 10.3.9 APB Peripheral Clock Enable Register (RCC_APBENR) Offset Address: 0x0028 Reset Value: 0x0000 0000 b31 b30 b29 b28 b27 b26 b25 b24 b23 b22 b21 b20 b19 b18 b17 b16 Reserved FIFO 2EN FIFO 1EN - RW RW 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 FIFO 0EN Rese rved CAN 0EN ADC EN PCA 1EN PCA 0EN AMO CEN WW DTE N TWI0 EN SPI0 EN UAR T2E N UAR T1E N UAR T0E N QEIE N TIM8 EN TIM7 EN RW - RW RW RW RW RW RW RW RW RW RW RW RW RW RW 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Bit Symbol Description 31 ~ 14 Reserved - 17 FIFO2EN FIFO2 clock enable Set to ‘1’ or cleared by software 0: FIFO2 clock is disabled 1: FIFO2 clock is enabled 16 FIFO1EN FIFO1 clock enable Set to ‘1’ or cleared by software 0: FIFO1 clock is disabled 1: FIFO1 clock is enabled 15 FIFO0EN FIFO0 clock enable Set to ‘1’ or cleared by software 0: FIFO0 clock is disabled 1: FIFO0 clock is enabled 14 Reserved - 13 CANEN CAN clock enable Set to ‘1’ or cleared by software 0: CAN clock is disabled 1: CAN clock is enabled 12 ADCEN ADC clock enable Set to ‘1’ or cleared by software 0: ADC clock is disabled 1: ADC clock is enabled 11 PCA1EN PCA1 clock enable Set to ‘1’ or cleared by software 0: PCA1 clock is disabled 1: PCA1 clock is enabled 10 PCA0EN PCA0 clock enable Set to ‘1’ or cleared by software 0: PCA0 clock is disabled 1: PCA0 clock is enabled |