| 전자부품 데이터시트 검색엔진 |
|
SH33F2801P/032PR 데이터시트(PDF) 80 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH33F2801P/032PR 데이터시트(HTML) 80 Page - SINOWEALTH Electronic Ltd |
|
80 / 407 page ![]() SH33F2801 80 12.3.1 CRC Format Conversion Description Since the data register operation can be 8-bit, 16-bit or 32-bit. Therefore, different processing will be carried out according to the difference of input data during calculating. Reading is only related to CRC Mode. Table12-1 Data Conversion Description 8-bit Writing Reading MODE COMPLW (Byte) RBITW (bit) RBYTEW (Byte) COMPLR (Byte) RBITR (bit) RBYTER (Byte) CRC_8 B0 = ~B0 b[0..7]=b[7..0] Ignore B0 = ~B0 b[0..7]=b[7..0] Ignore CRC_16 B0 = ~B0 b[0..7]=b[7..0] Ignore B0 = ~B0 B1=~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ CRC_32 B0 = ~B0 b[0..7]=b[7..0] Ignore B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ 16-bit Writing Reading MODE COMPLW RBITW RBYTEW COMPLR RBITR RBYTER CRC_8 B0 = ~B0 B1 = ~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ B0 = ~B0 b[0..7]=b[7..0] Ignore CRC_16 B0 = ~B0 B1 = ~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ B0 = ~B0 B1=~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ CRC_32 B0 = ~B0 B1 = ~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ 32-bit Writing Reading MODE COMPLW RBITW RBYTEW COMPLR RBITR RBYTER CRC_8 B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ B0 = ~B0 b[0..7]=b[7..0] Ignore CRC_16 B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ B0 = ~B0 B1=~B1 b[0..7]=b[7..0] b[8..15]=b[15..8] B0=B1’ B1=B0’ CRC_32 B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ B0 = ~B0 B1 = ~B1 B2 = ~B2 B3 = ~B3 b[0..7]=b[7..0] b[8..15]=b[15..8] b[16..23]=b[23..16] b[24..31]=b[31..24] B0=B3’ B3=B0’ B1=B2’ B2=B1’ 12.3.2 Configuration of Common Formats (1) Configuration of CRC32 (0x04C11DB7) 1 2 4 5 7 8 10 11 12 16 22 23 26 32 + + + + + + + + + + + + + + x x x x x x x x x x x x x x CRC_INIT : 0xFFFFFFFF CRC_CR.MODE : 0 CRC_CR.RBITW : 0 CRC_CR.RBYTEW : 0 CRC_CR.COMPLW : 0 CRC_CR.RBITR : 0 CRC_CR.RBYTER : 0 CRC_CR.COMPLR : 0 Input: 8-bit: Calculate 1 byte at a time 16-bit: Calculate 2 bytes at a time, low byte first 32-bit: Calculate 4 bytes at a time, low byte first CRC result: all 32-bit of CRC_DR |