| 전자부품 데이터시트 검색엔진 |
|
SH33F2801P/032PR 데이터시트(PDF) 67 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH33F2801P/032PR 데이터시트(HTML) 67 Page - SINOWEALTH Electronic Ltd |
|
67 / 407 page ![]() SH33F2801 67 10.3.10 RESET Status Register (RCC_RSTSTR) Offset Address: 0x002C Reset Value: 0x0000 0004 b31 b30 b29 b28 b27 b26 b25 b24 b23 b22 b21 b20 b19 b18 b17 b16 Reserved - 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 Reserved Reserv ed WWDT RSTF IWDTR STF SWRS TF PORS TF LVRST F PINRS TF - - RO RO RO RO RO RO 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 Bit Symbol Description 31 ~ 6 Reserved - 5 WWDTRSTF Window watchdog reset flag Set to ‘1’ by hardware when window watchdog reset occurs. Cleared by software via writing on WWDTRSTFC bit. 0: No window watchdog reset occurs 1: A window watchdog reset occurs 4 IWDTRSTF Independent watchdog reset flag Set to ‘1’ by hardware when independent watchdog reset occurs. Cleared by software via writing on IWDTRSTFC bit. 0: No independent watchdog reset occurs 1: An independent watchdog reset occurs 3 SWRSTF Software reset flag Set to ‘1’ by hardware when software reset occurs. Cleared by software via writing on SWRSTFC bit. 0: No software reset occurs 1: A software reset occurs 2 PORSTF POR reset flag Set to ‘1’ by hardware when POR reset occurs. Cleared by software via writing on PORSTFC bit. 0: No POR reset occurs 1: A POR reset occurs 1 LVRSTF LVR reset flag Set to ‘1’ by hardware when LVR reset occurs. Cleared by software via writing on LVRSTFC bit. 0: No LVR reset occurs 1: An LVR reset occurs 0 PINRSTF PIN reset flag Set to ‘1’ by hardware when NRST pin reset occurs. Cleared by software via writing on PINRSTFC bit. 0: No NRST pin reset occurs 1: An NRST pin reset occurs |