전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SH33F2801P/032PR 데이터시트(PDF) 74 Page - SINOWEALTH Electronic Ltd

부품명 SH33F2801P/032PR
상세설명  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SINOWEALTH [SINOWEALTH Electronic Ltd]
홈페이지  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR 데이터시트(HTML) 74 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 407 page
background image
SH33F2801
74
The window is the largest when RL=WT=0xFF.
When the microcontroller enters debug mode (ARM Star core halted), the WWDT counter can continue to operate or stop
according to the status of the DBG_WWDT@ DBGCR configuration bit. See the "Debug Interface" part for details.
11.3
IWDT Register
IWDT Module Register List (Base Address: 0x4000 2C00)
Address
Register Name
Description
0x4000 2C00
CR
Independent watchdog control register
0x4000 2C04
CLR
Independent watchdog feeding register
11.3.1
Independent Watchdog Control Register (IWDT_CR)
Offset Address: 0x0000
Reset Value:
0x0000 7FFF
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
LOCK[15:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
IWDTO
N
IWDTPR[2:0]
IWDTRLR[11:0]
RW1t
RW
RW
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Bit
Symbol
Description
31 ~ 16
LOCK[15:0]
Register lock bit
0x5AA5: Unlocks this register
Other: Locks this register
When configuring this register, the unlock bit must be input 0x5AA5 at the
same time. After the operation is completed, it will be automatically locked. 0x0
will be fixedly read when reading this LOCK.
15
IWDTON
Independent watchdog enable, this bit is set to '1' by software, but can
only be cleared by hardware after reset.
This control bit is effective only when OP_IWDT=0101b.
0: IWDT is disabled
1: IWDT is enabled
14 ~ 12
IWDTPR[2:0]
Independent watchdog clock pre-division setting
000: Pre-division factor = 4
001: Pre-division factor=8
010: Pre-division factor=16
011: Pre-division factor=32 (default)
100: Pre-division factor=64
101: Pre-division factor=128
110: Pre-division factor=256
111: Pre-division factor=512
11 ~ 0
IWDTRLR[11:0]
Independent watchdog reload register
Used to define the reload value of the watchdog counter.
Note: The reset value of IWDTRLR[11:0] is 0x0FFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com