전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8770 데이터시트(PDF) 38 Page - Wolfson Microelectronics plc

부품명 WM8770
상세설명  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 데이터시트(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
38
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8770 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15 B14 B13 B12 B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0(00h)
0
0
0
0
0
0
0
UPDATE
L1ZCEN
L1A[6:0]
X01111111
R1(01h)
0
0
0
0
0
0
1
UPDATE
R1ZCEN
R1A[6:0]
X01111111
R2(02h)
0
0
0
0
0
1
0
UPDATE
L2ZCEN
L2A[6:0]
X01111111
R3(03h)
0
0
0
0
0
1
1
UPDATE
R2ZCEN
R2A[6:0]
X01111111
R4(04h)
0
0
0
0
1
0
0
UPDATE
L3ZCEN
L3A[6:0]
X01111111
R5(05h)
0
0
0
0
1
0
1
UPDATE
R3ZCEN
R3A[6:0]
X01111111
R6(06h)
0
0
0
0
1
1
0
UPDATE
L4ZCEN
L4A[6:0]
X01111111
R7(07h)
0
0
0
0
1
1
1
UPDATE
R4ZCEN
R4A[6:0]
X01111111
R8(08h)
0
0
0
1
0
0
0
UPDATE
MZCEN
MASTA[6:0]
X01111111
R9(09h)
0
0
0
1
0
0
1
UPDATE
LDA1[7:0]
X11111111
R10(0Ah)
0
0
0
1
0
1
0
UPDATE
RDA1[7:0]
X11111111
R11(0Bh)
0
0
0
1
0
1
1
UPDATE
LDA2[7:0]
X11111111
R12(0Ch)
0
0
0
1
1
0
0
UPDATE
RDA2[7:0]
X11111111
R13(0Dh)
0
0
0
1
1
0
1
UPDATE
LDA3[7:0]
X11111111
R14(0Eh)
0
0
0
1
1
1
0
UPDATE
RDA3[7:0]
X11111111
R15(0Fh)
0
0
0
1
1
1
1
UPDATE
LDA4[7:0]
X11111111
R16(10h)
0
0
1
0
0
0
0
UPDATE
RDA4[7:0]
X11111111
R17(11h)
0
0
1
0
0
0
1
UPDATE
MASTDA[7:0]
X11111111
R18(12h)
0
0
1
0
0
1
0
0
PHASE[7:0]
000000000
R19(13h)
0
0
1
0
0
1
1
0
PL
TOD
IZD
ATC
DZCEN
010010000
R20(14h)
0
0
1
0
1
0
0
0
0
0
RECEN
MUTEALL
DMUTE[3:0]
000000000
R21(15h)
0
0
1
0
1
0
1
0
DZFM[3:0]
DEEMP[3:0]
000000000
R22(16h)
0
0
1
0
1
1
0
ADCHPD
0
0
WL[1:0]
BCP
LRP
FMT[1:0]
000100010
R23(17h)
0
0
1
0
1
1
1
MS
0
DACRATE[2:0]
ADCOSR
ADCRATE[2:0]
000100010
R24(18h)
0
0
1
1
0
0
0
0
0
0
DACD[3:0]
ADCD
PWDN
000111110
R25(19h)
0
0
1
1
0
0
1
0
ADCMUTE
LRBOTH
MUTE
LAG[4:0]
000001100
R26(1Ah)
0
0
1
1
0
1
0
0
0
LRBOTH
MUTE
RAG[4:0]
000001100
R27(1Bh)
0
0
1
1
0
1
1
AINPD
0
RMX[2:0]
0
LMX[2:0]
100000000
R28(1Ch)
0
0
1
1
1
0
0
OUTPD[1:0]
0
MX2[2:0]
MX1[2:0]
110001001
R29(1Dh)
0
0
1
1
1
0
1
OUTPD[3:2]
0
0
MX4[1:0]
MX3[2:0]
110001001
R31(1Fh)
0
0
1
1
1
1
1
RESET
not reset
ADDRESS
DATA
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com