| 전자부품 데이터시트 검색엔진 |
|
EB632 데이터시트(PDF) 81 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 데이터시트(HTML) 81 Page - Freescale Semiconductor, Inc |
|
81 / 112 page ![]() Errata Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 Freescale Semiconductor 81 CPM121 TDM Data Frame Corruption Date Added: 11/05/2004 Description: During a write to one of the SI registers (GMR, AMR, BMR, CMR, DMR) while one or more TDMs are working, one data frame of a working TDM may become corrupted. Workaround: Work with the shadow RAM when changing data and do not disable and then en- able the TDM. System Number: 17460 0K40A 1K42A 2K42A 1K87M Table 50. 2K87M Errata Errata Number Errata Description Applies to Mask |