| 전자부품 데이터시트 검색엔진 |
|
EB632 데이터시트(PDF) 88 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 데이터시트(HTML) 88 Page - Freescale Semiconductor, Inc |
|
88 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 88 Freescale Semiconductor Bootloader Program ;move the last 2 words to their address (which is kept in r3) move.l d4,(r3) adda #$4,r3 ;write checksum , ~checksum at the and of the block move.l d5,(r3) ;calculate the checksum of these words eor d4,d7 ;calculate ~checksum -> d2 ;get the real checksum from d7 and ;get it into d7.l as explained in the beggining of the file ;d2 = (0xffff0000 & d7)>>16 extractu #16,#16,d7,d2 ;d2 = d2 & 0x0000ffff and #$0000ffff,d2,d2 ;d7 = d7 & 0x0000ffff and #$0000ffff,d7,d7 ;d7 = d7 ^ d2 = checksum eor d2,d7 ;d2 = (~d7 & 0x0000ffff) = ~checksum not d7,d2 and #$0000ffff,d2,d2 ;get loaded checksum , ~checksum from d5 ;get checksum into d4 extractu #16,#16,d5,d4 and #$0000ffff,d4,d4 ;delete the checksum from d5 and #$0000ffff,d5,d5 ;if ( ~checksum_loaded |= ~Checksum_calculated ) goto set sticky bit cmpeq d5,d2 nop iff jsr set_sticky_bit ;if ( checksum_loaded |= Checksum_calculated ) goto set sticky bit cmpeq d4,d7 nop iff jsr set_sticky_bit ;goto loading the next block ;goto load_16bit load_16bit ;d7 = checksm =0 , clear the calculated checksum register move.l #0,d7 ;load the size and address jsr load_from_fifo ;move the size into d6 move.l d4,d6 ;move the address into r3 move.l d5,r3 ; should be calculated on data and address also |