| 전자부품 데이터시트 검색엔진 |
|
EB632 데이터시트(PDF) 96 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 데이터시트(HTML) 96 Page - Freescale Semiconductor, Inc |
|
96 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 96 Freescale Semiconductor Bootloader Program move.l #$00000c4c,d7 move.l d7,(r6+$188) ; move.w #$0,(r5) ; move.l #$00000044,d7 move.l d7,(r6+$188) ; move.w #$0,(r5) ; move.l #$00000045,d7 move.l d7,(r6+$188) ; move.w #$0,(r5) ; ; -------------- EXCEPTION ------------------------------------- move.l #$9005127c,d7 move.l d7,(r6+$178) ; move.l #$ff000001,d7 move.l d7,(r6+$188) ; move.w #$0,(r5) ; ; -------------- RESUME NORMAL OPERATION ------------------------- move.l #$80011240,d7 move.l d7,(r6+$178) ; jmp check_boot ;serial boot code here ;********************************************************* TXB equ $2160 ;TX Buffer Pointer RXB equ $2170;Rx Buffer Pointer TIMEOUT equ $80000 ;Time Out till system is consider dead SERBIT16 equ $1000 ; ;I2c Parameter Ram I2C_BASE equ $8afc I2C_BASE_VAL equ $3e00 ;To these RBASE equ $3e00 RBASEVAL equ$3e50 TBASEVAL equ$3e40 RTBASEVAL equ $3e503e40 RFCR equ $3e04 RSTATE equ $3e08 RPTR equ $3e0c RBPTR equ $3e10 RTEMP equ $3e14 TSTATE equ$3e18 TPTR equ $3e1c TBPTR equ $3e20 TTEMP equ $3e24 |