| 전자부품 데이터시트 검색엔진 |
|
EB632 데이터시트(PDF) 106 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 데이터시트(HTML) 106 Page - Freescale Semiconductor, Inc |
|
106 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 106 Freescale Semiconductor Bootloader Program move.l #$b8000000,d1;BD STATUS(E=1,W=1,I=1,L=1)|DATA Lenght = 0 nop ;due to restriction 6.4.4.a.2 move.l d1,(r1) ;Write BD STATUS + lenght move r5,d1 ;d1 receive Buffer ptr offset nop add d1,d4,d1; added buffer base to d1 nop move d1,r3 nop ;due to restriction 6.4.4.a.2 move.l r3,(r1+$4);Write RX Buffer Pointer ;************************************************** ;Set Start on i2COM ;************************************************** i2com_ move.w #$8181,r3 move.b r3,(r6+I2COM) ;I2COM[STR]=1 => Start transmission move.l r6,d6 move.l #I2CER,d1 add d1,d6,d6 move.l d6,r3 ; r3<-I2CER Adrress move.l #TIMEOUT,d1 read_i2cer move.l #SERBIT16,d15 ;************************************************** ; We insert a delay here in order to have ; less BUS activity ;************************************************** ser_cnt sub#$1,d15 tsteq d11; check flag if watchdog disabled jt tst_no_wd deceqa r15 nop ift jsr watchdog_handle tst_no_wd tsteqd15 jf ser_cnt nop ;;Decrement Counter if zero goto dead_i2cer sub #$1,d1 tsteq d1 jt dead_i2cer nop ; due to restriction 6.4.4.a.3 move.b (r3),d6 ;Read I2CER nop cmpeq.w #$0000,d6 ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;; I2cer == 0 ?? |