| 전자부품 데이터시트 검색엔진 |
|
MPC5200 데이터시트(PDF) 66 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200 데이터시트(HTML) 66 Page - Freescale Semiconductor, Inc |
|
66 / 80 page ![]() MPC5200 Data Sheet, Rev. 4 Package Description Freescale Semiconductor 66 4.3 Pinout Listings See details in the MPC5200 User Manual [1]. Table 52. MPC5200 Pinout Listing Name Alias Type Power Supply Output Driver Type Input Type Pull-up/ down SDRAM MEM_CAS CAS I/O VDD_MEM_IO DRV16_MEM TTL MEM_CLK_EN CLK_EN I/O VDD_MEM_IO DRV16_MEM TTL MEM_CS I/O VDD_MEM_IO DRV16_MEM TTL MEM_DQM[3:0] DQM I/O VDD_MEM_IO DRV16_MEM TTL MEM_MA[12:0] MA I/O VDD_MEM_IO DRV16_MEM TTL MEM_MBA[1:0] MBA I/O VDD_MEM_IO DRV16_MEM TTL MEM_MDQS[3:0] MDQS I/O VDD_MEM_IO DRV16_MEM TTL MEM_MDQ[31:0] MDQ I/O VDD_MEM_IO DRV16_MEM TTL MEM_CLK I/O VDD_MEM_IO DRV16_MEM TTL MEM_CLK I/O VDD_MEM_IO DRV16_MEM TTL MEM_RAS RAS I/O VDD_MEM_IO DRV16_MEM TTL MEM_WE I/O VDD_MEM_IO DRV16_MEM TTL PCI EXT_AD[31:0] I/O VDD_IO PCI PCI PCI_CBE_0 I/O VDD_IO PCI PCI PCI_CBE_1 I/O VDD_IO PCI PCI PCI_CBE_2 I/O VDD_IO PCI PCI PCI_CBE_3 I/O VDD_IO PCI PCI PCI_CLOCK I/O VDD_IO PCI PCI PCI_DEVSEL I/O VDD_IO PCI PCI PCI_FRAME I/O VDD_IO PCI PCI PCI_GNT I/O VDD_IO DRV8 TTL PCI_IDSEL I/O VDD_IO DRV8 TTL PCI_IRDY I/O VDD_IO PCI PCI PCI_PAR I/O VDD_IO PCI PCI PCI_PERR I/O VDD_IO PCI PCI PCI_REQ I/O VDD_IO DRV8 TTL PCI_RESET I/O VDD_IO PCI PCI PCI_SERR I/O VDD_IO PCI PCI PCI_STOP I/O VDD_IO PCI PCI |