전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMD-K6-2E/233AMZ 데이터시트(PDF) 27 Page - Advanced Micro Devices

부품명 AMD-K6-2E/233AMZ
상세설명  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ 데이터시트(HTML) 27 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 23Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 24Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 25Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 26Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 27Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 28Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 332 page
background image
Chapter 2
Internal Architecture
9
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 1. AMD-K6™-2E Processor Block Diagram
Decoders
Decoding of the x86 instructions begins when the on-chip
instruction cache is filled. Predecode logic determines the
length of an x86 instruction on a byte-by-byte basis. This
pre d ec o d e info r m a t io n i s st ored, al ong wit h t h e x 8 6
instructions, in the instruction cache, to be used later by the
decoders. The decoders translate on-the-fly, with no additional
latency, up to two x86 instructions per clock into RISC86
operations.
Note: In this chapter, “clock” refers to a processor clock.
The AMD-K6-2E processor categorizes x86 instructions into
three types of decodes—short, long, and vector. The decoders
process either two short, one long, or one vector decode at a
time.
Store
Unit
Branch
Unit
Store
Queue
Instruction
Control Unit
Scheduler
Buffer
(24 RISC86)
Six RISC86 ®
Operation Issue
Four RISC86
Decode
Out-of-Order
Execution Engine
32-KByte Level-One Dual-Port Data Cache
128-Entry DTLB
20-KByte Predecode Cache
64-Entry ITLB
Multiple Instruction Decoders
x86 to RISC86
Branch Logic
(8192-Entry BHT)
(16-Entry BTC)
(16-Entry RAS)
16-Byte Fetch
Load
Unit
Predecode
Logic
Level-One Cache
Controller
FPU
32-KByte Level-One Instruction Cache
Register Y Functional Units
Integer/
Multimedia /3DNow!
100 MHz
Super7
Œ
Bus
Interface
Register X Functional Units
Integer/
Multimedia/3DNow!
É



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More