| 전자부품 데이터시트 검색엔진 |
|
AMD-K6-2E/233AMZ 데이터시트(PDF) 36 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AMZ 데이터시트(HTML) 36 Page - Advanced Micro Devices |
|
36 / 332 page ![]() 18 Internal Architecture Chapter 2 AMD-K6™-2E Processor Data Sheet 22529B/0—January 2000 Preliminary Information Figure 5. AMD-K6™-2E Processor Scheduler 2.5 Execution Units The AMD-K6-2E processor contains ten parallel execution units —store, load, integer X ALU, integer Y ALU, MMX ALU (X), MMX ALU (Y), MMX/3DNow! multiplier, 3DNow! ALU, floating-point, and branch condition. Each unit is independent and capable of handling the RISC86 operations. Table 1 on page 19 details the execution units, functions performed within these units, operation latency, and operation throughput. The store and load execution units are two-stage pipelined designs. s The store unit performs data writes and register calculation for LEA/PUSH. Data memory and register writes from stores are available after one clock. Store operations are held in a store queue prior to execution. From there, they execute in order. s The load unit performs data memory reads. Data is available from the load unit after two clocks. RISC86 Operation Buffer RISC86 Issue Buses RISC86 #0 RISC86 #1 RISC86 #2 RISC86 #3 Centralized RISC86® Operation Scheduler From Decode Logic |