전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMD-K6-2E/233AMZ 데이터시트(PDF) 54 Page - Advanced Micro Devices

부품명 AMD-K6-2E/233AMZ
상세설명  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ 데이터시트(HTML) 54 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 50Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 51Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 52Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 53Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 54Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 55Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 332 page
background image
36
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 24. Control Register 1 (CR1)
Figure 25. Control Register 0 (CR0)
0
31
Reserved
E
T
T
S
98
7654
321
0
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
A
M
E
M
W
P
M
P
P
E
N
E
P
G
C
D
N
W
Reserved
Symbol
Description
Bit
AM
Alignment Mask
18
WP
Write Protect
16
NE
Numeric Error
5
ET
Extension Type
4
TS
Task Switched
3
EM
Emulation
2
MP
Monitor Co-processor
1
PE
Protection Enabled
0
Symbol
Description
Bit
PG
Paging
31
CD
Cache Disable
30
NW
Not Writethrough
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More