전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMD-K6-2E/233AMZ 데이터시트(PDF) 60 Page - Advanced Micro Devices

부품명 AMD-K6-2E/233AMZ
상세설명  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ 데이터시트(HTML) 60 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 332 page
background image
42
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Test Register 12
(TR12)
Test register 12 provides a method for disabling the L1 caches.
Figure 32 shows the format of the TR12 register.
Figure 32. Test Register 12 (TR12)
Time Stamp Counter
With each processor clock cycle, the processor increments the
64-bit time stamp counter (TSC) MSR. Figure 33 shows the
format of the TSC register.
Figure 33. Time Stamp Counter (TSC)
42
1
0
63
C
I
3
Reserved
Symbol
Description
Bit
CI
Cache Inhibit Bit
3
0
63
TSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More