전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMD-K6-2E/233AMZ 데이터시트(PDF) 53 Page - Advanced Micro Devices

부품명 AMD-K6-2E/233AMZ
상세설명  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ 데이터시트(HTML) 53 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 49Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 50Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 51Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 52Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 53Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 54Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 55Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 332 page
background image
Chapter 3
Software Environment
35
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Control Registers
The five control registers contain system control bits and
pointers. Figures 21 through 25 show the formats of the control
registers.
Figure 21. Control Register 4 (CR4)
Figure 22. Control Register 3 (CR3)
Figure 23. Control Register 2 (CR2)
7
654
3210
31
P
S
E
T
S
D
M
C
E
V
M
E
D
E
P
V
I
Reserved
Symbol
Description
Bit
MCE
Machine Check Enable
6
PSE
Page Size Extensions
4
DE
Debugging Extensions
3
TSD
Time Stamp Disable
2
PVI
Protected Virtual Interrupts
1
VME
Virtual-8086 Mode Extensions 0
P
C
D
9
876
5432
10
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
Page Directory Base
P
W
T
Reserved
Symbol
Description
Bit
PCD
Page Cache Disable
4
PWT
Page Writethrough
3
0
31
Page Fault Linear Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More