전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33F 데이터시트(PDF) 3 Page - Microchip Technology

부품명 DSPIC33F
상세설명  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F 데이터시트(HTML) 3 Page - Microchip Technology

  DSPIC33F Datasheet HTML 1Page - Microchip Technology DSPIC33F Datasheet HTML 2Page - Microchip Technology DSPIC33F Datasheet HTML 3Page - Microchip Technology DSPIC33F Datasheet HTML 4Page - Microchip Technology DSPIC33F Datasheet HTML 5Page - Microchip Technology DSPIC33F Datasheet HTML 6Page - Microchip Technology DSPIC33F Datasheet HTML 7Page - Microchip Technology DSPIC33F Datasheet HTML 8Page - Microchip Technology DSPIC33F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 3
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
2.3
Pin Diagrams
The pin diagrams for the dsPIC33F/PIC24H device
family are shown in the following figures. The pins that
are required for programming are listed in Table 2-1.
The MCLR, PGC1, PGD1, PGC2, PGD2, PGC3 and
PGD3 pins are shown in bold letters in the figures.
Refer to the appropriate device data sheet for complete
pin descriptions.
TABLE 2-1:
PIN DESCRIPTIONS (PINS USED DURING PROGRAMMING)
Pin Name
During Programming
Pin Name
Pin Type
Pin Description
MCLR
MCLR
P
Programming Enable
VDD and AVDD(1)
VDD
P
Power Supply
VSS and AVSS(1)
VSS
PGround
VDDCORE
VDDCORE
P
Regulated Power Supply for Core
PGC1
PGC1
I
Primary Programming Pin Pair: Serial Clock
PGD1
PGD1
I/O
Primary Programming Pin Pair: Serial Data
PGC2
PGC2
I
Secondary Programming Pin Pair: Serial Clock
PGD2
PGD2
I/O
Secondary Programming Pin Pair: Serial Data
PGC3
PGC3
I
Tertiary Programming Pin Pair: Serial Clock
PGD3
PGD3
I/O
Tertiary Programming Pin Pair: Serial Data
Legend: I = Input, O = Output, P = Power
Note 1:
All power supply and ground pins must be connected, including analog supplies (AVDD) and ground
(AVSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com