| 전자부품 데이터시트 검색엔진 |
|
UPSD3422 데이터시트(PDF) 193 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 데이터시트(HTML) 193 Page - STMicroelectronics |
|
193 / 293 page ![]() uPSD34xx PSD module 193/293 Table 103. HDL statement example generated from PSDsoft express for memory map Figure 65. PSDsoft express memory mapping 28.2.4 EEPROM emulation EEPROM emulation is needed if it is desired to repeatedly change only a small number of bytes of data in Flash memory. In this case EEPROM emulation is needed because although Flash memory can be written byte-by-byte, it must be erased sector-by-sector, it is not erasable byte-by-byte (unlike EEPROM which is written AND erased byte-by-byte). So changing one or two bytes in Flash memory typically requires erasing an entire sector each time only one byte is changed within that sector. However, two of the 8K byte sectors of Secondary Flash memory may be used to emulate EEPROM by using a linked-list software technique to create a small data set that is rs0 = ((address ≥ ^h0000) & (address ≤ ^h1FFF)); csiop = ((address ≥ ^h2000) & (address ≤ ^h20FF)); fs0 = ((address ≥ ^h0000) & (address ≤ ^h3FFF)); fs1 = ((address ≥ ^h4000) & (address ≤ ^h7FFF)); fs2 = ((page == 0) & (address ≥ ^h8000) & (address ≤ ^hBFFF)); fs3 = ((page == 0) & (address ≥ ^hC000) & (address ≤ ^hFFFF)); fs4 = ((page == 1) & (address ≥ ^h8000) & (address ≤ ^hBFFF)); fs5 = ((page == 1) & (address ≥ ^hC000) & (address ≤ ^hFFFF)); fs6 = ((page == 2) & (address ≥ ^h8000) & (address ≤ ^hBFFF)); fs7 = ((page == 2) & (address ≥ ^hC000) & (address ≤ ^hFFFF)); csboot0 = ((address ≥ ^h8000) & (address ≤ ^h9FFF)); csboot1 = ((address ≥ ^hA000) & (address ≤ ^hBFFF)); csboot2 = ((address ≥ ^hC000) & (address ≤ ^hDFFF)); csboot3 = ((address ≥ ^hE000) & (address ≤ ^hFFFF)); |