전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 UPSD3422
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 47Page - STMicroelectronics UPSD3422 Datasheet HTML 48Page - STMicroelectronics UPSD3422 Datasheet HTML 49Page - STMicroelectronics UPSD3422 Datasheet HTML 50Page - STMicroelectronics UPSD3422 Datasheet HTML 51Page - STMicroelectronics UPSD3422 Datasheet HTML 52Page - STMicroelectronics UPSD3422 Datasheet HTML 53Page - STMicroelectronics UPSD3422 Datasheet HTML 54Page - STMicroelectronics UPSD3422 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 293 page
background image
uPSD34xx
Debug unit
51/293
up to VCC as described in the section, Section 28.6.8: Debugging the 8032 MCU
module on page 257.
–
The duration of a pulse, generated when the Event pin configured as an output, is
one MCU clock cycle. This is an active-low signal, so the first edge when an event
occurs is high-to-low.
–
The clock to the Watchdog Timer, ADC, and I2C interface are not stopped by a
breakpoint halt.
–
The Watchdog Timer should be disabled while debugging with JTAG, else a reset
will be generated upon a watchdog time-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More