전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422 데이터시트(PDF) 231 Page - STMicroelectronics

부품명 UPSD3422
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 데이터시트(HTML) 231 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 227Page - STMicroelectronics UPSD3422 Datasheet HTML 228Page - STMicroelectronics UPSD3422 Datasheet HTML 229Page - STMicroelectronics UPSD3422 Datasheet HTML 230Page - STMicroelectronics UPSD3422 Datasheet HTML 231Page - STMicroelectronics UPSD3422 Datasheet HTML 232Page - STMicroelectronics UPSD3422 Datasheet HTML 233Page - STMicroelectronics UPSD3422 Datasheet HTML 234Page - STMicroelectronics UPSD3422 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 293 page
background image
uPSD34xx
PSD module
231/293
After PSDsoft Express has accepted and realized the logic from the equations, it
synthesizes the logic statement:
pld_out = ( pld_in_1 # pld_in_2 ) & !pld_in_3;
to be programmed into the GPLD. See the PSDsoft User’s Manual for all the steps.
Note:
If a particular OMC output is specified as an internal node and not specified as a port pin
output in PSDsoft Express, then the port pin that is associated with that OMC can be used
for other I/O functions.
Figure 81.
Simple PLD logic example
Figure 82.
Pin declarations in PSDsoft express for simple PLD example
PLDIN 1
PLDIN 2
PLDIN 3
PLD OUT
PB0
PB3
PB2
PB1
AI09178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More