전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS49FG 데이터시트(PDF) 66 Page - Toshiba Semiconductor

부품명 TMP86CS49FG
상세설명  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG 데이터시트(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 252 page
background image
Page 52
5. I/O Ports
5.2 Port P1 (P17 to P10)
TMP86CS49FG
5.2 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port which can be configured as an input or output in one-bit unit.
Port P1 is also used as a timer/counter input/output, an external interrupt input and a divider output.
Input/output mode is specified by the P1 control register (P1CR).
During reset, the P1CR is initialized to "0" and port P1 becomes an input mode. And the P1DR is initialized to "0".
When used as an input port, a timer/counter input and an external interrupt input, the corresponding bit of P1CR
should be set to "0".
When used as an output port, the corresponding bit of P1CR should be set to "1".
When used as a timer/counter output and a divider output, P1DR is set to "1" beforehand and the corresponding bit
of P1CR should be set to "1".
When P1CR is "1", the content of the corresponding output latch is read by reading P1DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Note: i = 7 to 0
Figure 5-3 Port 1 and P1CR
Note: The port set to an input mode reads the terminal input data. Therefore, when the input and output modes are used
together, the content of the output latch which is specified as input mode might be changed by executing a bit
Manipulation instruction.
Table 5-2 Register Programming for Multi-function Ports
Function
Programmed Value
P1DR
P1CR
Port input, timer/counter input or external interrupt
input
*“0”
Port “0” output
“0”
“1”
Port “1” output, a timer output or a divider output
“1”
“1”
P1i
DQ
DQ
STOP
OUTEN
P1CRi
P1CRi input
Data input (P1DR)
Data output (P1DR)
Control output
Control input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com