전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS49FG 데이터시트(PDF) 242 Page - Toshiba Semiconductor

부품명 TMP86CS49FG
상세설명  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG 데이터시트(HTML) 242 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 238Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 239Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 240Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 241Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 242Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 243Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 244Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 245Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 246Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 252 page
background image
Page 228
20. Electrical Characteristics
20.1 Absolute Maximum Ratings
TMP86CS49FG
20.2 Recommended Operating Conditions
The recommended operating conditions for a device are operating conditions under which it can be guaranteed that
the device will operate as specified. If the device is used under operating conditions other than the recommended
operating conditions (supply voltage, operating temperature range, specified AC/DC values etc.), malfunction may
occur. Thus, when designing products which include this device, ensure that the recommended operating conditions
for the device are always adhered to.
Note: When the supply voltage VDD is less than 2.0 V, the operating temperature Topr must be in a range of -20°C to
85
°C.
(VSS = 0 V, Topr = -40 to 85°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
fc = 16 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
4.5
5.5
V
fc = 8 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
2.7
fc = 4.2 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
1.8
(Note)
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 1.8 to 5.5V (Note)
1.0
4.2
MHz
VDD = 2.7 to 5.5V
8.0
VDD = 4.5 to 5.5 V
16.0
fs
XTIN, XTOUT
30.0
34.0
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com