전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SII3531A 데이터시트(PDF) 59 Page - Silicon image

부품명 SII3531A
상세설명  PCI Express to Serial ATA Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILICONIMAGE [Silicon image]
홈페이지  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531A 데이터시트(HTML) 59 Page - Silicon image

Back Button SII3531A Datasheet HTML 55Page - Silicon image SII3531A Datasheet HTML 56Page - Silicon image SII3531A Datasheet HTML 57Page - Silicon image SII3531A Datasheet HTML 58Page - Silicon image SII3531A Datasheet HTML 59Page - Silicon image SII3531A Datasheet HTML 60Page - Silicon image SII3531A Datasheet HTML 61Page - Silicon image SII3531A Datasheet HTML 62Page - Silicon image SII3531A Datasheet HTML 63Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
59
6.2.6
BIST Pattern Register
Address Offset: 54H
Access Type: Read/Write
Reset Value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
BIST Pattern
This register contains the 32-bit fixed pattern that is repeatedly transmitted in data loopback when the BISTpatsel bit (bit 30) of
the BIST Control register is set to 1.
6.2.7
BIST Status Register
Address Offset: 58H
Access Type: Read
Reset Value: 0x8000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Reserved
BISTerrcnt
Bit [31]: BISTgood (R) – This bit indicates that all comparisons have been good since initiating data loopback
BIST. This bit is initialized (to 1) when the BISTenable bit is zero in the BIST Control register.
Bit [30:12]: Reserved (R). This bit field is reserved and returns zeros on a read.
Bit [11:00]: BISTerrcnt (R). This bit field indicates the number of comparisons that have been in error since
initiation of data loopback BIST. This counter is a saturating counter (it stops counting at 0FFFH). This counter
is cleared when the BISTenable bit is zero in the BIST Control register.
6.2.8
MemBIST Status Register
Address Offset: 5CH
Access Type: Read
Reset Value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
MemBIST Status
Reserved
Bit [31:08]: Reserved (R). This bit field is reserved and returns zeros on a read.
Bit [07:00]: MemBIST Status (R). This bit field indicates the status of MemBIST for each RAM. Each status bit
is set to 1 for a successful test.
6.2.9
Configuration Register Offset
Address Offset: 78H
Access Type: Read/Write
Reset Value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Reserved
Dword Offset
00
This register provides indirect addressing of a Configuration Register. The Dword address offset for an indirect access is in
bits 11 to 2; bits 31 to 12, 1, and 0 are reserved and should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com